Part Number Hot Search : 
MSK610 V1812ML4 49S160 LTM46 17000 3N150 0CDCDQ BTS117
Product Description
Full Text Search
 

To Download DG06D1212A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dg06s/d series 6w dc/dc converter, dip-package, 2:1 wide input range ds_dg06s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 86% ? dip package with industry standard pinout ? 1500vdc voltage isolation ? 2:1 wide input range ? low ripple and noise ? complies with en55022 class a ? temperature performance -40 to +71 ? short circuit protection ? internal smd construction ? lead free, rohs compliant ? 3 years product warranty the dg06s/d series are miniature, dip package, isolated 6w dc/dc converters with 1,500vdc isolation. it offers short circuit protection and allows a wide operating temperature range of ?40c to +71c. these isolated dc/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. . model list output current input current efficiency (typ.) input voltage (range) output voltage max. min. @max. load @no load reflected ripple current max. capacitive load @max. load model number vdc vdc ma ma ma(typ.) ma(typ.) ma(typ.) uf % dg06s0503a 3.3 1200 60 1056 75 dg06s0505a 5 1000 50 1265 79 dg06s0512a 12 500 25 1463 82 dg06s0515a 15 400 20 1463 6800 82 dg06d0505a 5 500 25 1265 79 dg06d0512a 12 250 12.5 1463 82 dg06d0515a 5 (4.5 ~ 7) 15 200 10 1463 80 100 1000* 82 dg06s1203a 3.3 1200 60 429 77 dg06s1205a 5 1000 50 514 81 dg06s1212a 12 500 25 595 84 dg06s1215a 15 400 20 595 6800 84 dg06d1205a 5 500 25 514 81 DG06D1212A 12 250 12.5 595 84 dg06d1215a 12 (9 ~ 18) 15 200 10 595 30 25 1000* 84 dg06s2403a 3.3 1200 60 209 79 dg06s2405a 5 1000 50 251 83 dg06s2412a 12 500 25 291 86 dg06s2415a 15 400 20 291 6800 86 dg06d2405a 5 500 25 251 83 dg06d2412a 12 250 12.5 291 86 dg06d2415a 24 (18 ~ 36) 15 200 10 291 15 15 1000* 86 dg06s4803a 3.3 1200 60 104 79 dg06s4805a 5 1000 50 126 83 dg06s4812a 12 500 25 145 86 dg06s4815a 15 400 20 145 6800 86 dg06d4805a 5 500 25 126 83 dg06d4812a 12 250 12.5 145 86 dg06d4815a 48 (36 ~75) 15 200 10 145 8 10 1000* 86 *for each output
ds_dg06s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit 5v input models -0.7 --- 10 12v input models -0.7 --- 25 24v input models -0.7 --- 50 input surge voltage (1 sec. max.) 48v input models -0.7 --- 100 5v input models 3 3.5 4.4 12v input models 4.5 6 8 24v input models 8 12 16 start-up voltage 48v input models 16 24 32 5v input models --- --- 4 12v input models --- --- 8 24v input models --- --- 16 under voltage shutdown 48v input models --- --- 32 vdc reverse polarity input current --- --- 1 a short circuit input power --- 1000 3000 mw internal power dissipation --- --- 2500 mw conducted emi all models compliance to en 55022,class a and fcc part 15,class a output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 0.5 1.0 % output voltage balance dual output, balanced loads --- 0.5 2.0 % line regulation vin=min. to max. --- 0.1 0.3 % load regulation io=20% to 100% --- 0.3 1.0 % ripple & noise (20mhz) --- 50 75 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 100 mv p-p ripple & noise (20mhz) --- --- 15 mv rms transient recovery time --- 150 300 us transient response deviation 25% load step change --- 2 6 % temperature coefficient --- 0.01 0.02 %/ over load protection foldback 120 tbd --- % short circuit protection continuous general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 1500 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 380 500 pf switching frequency --- 300 --- khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 1,000,000 --- --- hours safety approvals ul/cul 60950-1 recognition(csa certificate), iec/en 60950-1 recommended input fuse 5v input models 12v input models 24v input models 48v input models 3000ma slow-blow type 1500ma slow-blow type 700ma slow-blow type 350ma slow-blow type environmental specifications parameter conditions min. max. unit operating temperature range (with derating) ambient -40 +85 case temperature --- +90 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260 p2
ds_dg06s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc power derating curve ~ ] ambient temperature output power (%) 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400lfm 200lfm 100lfm natural convection notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 50% to 100% 3 ripple & noise measurement bandwidth is 0-20mhz. 4 these power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 5 all dc/dc converters should be externally fused at the front end for protection. 6 specifications subject to change without notice. mechancial drawing mechanical dimensions pin connections pin single output dual output 2 -vin -vin 3 -vin -vin 9 no pin common 11 nc -vout 14 +vout +vout 16 -vout common 22 +vin +vin 23 +vin +vin nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pin diameter ? 0.5 0.05 (0.020.002) physical outline case size : 31.8x20.3x10.2mm (1.25x0.80x0.40 inches) case material metal with non-conductive baseplate : weight 16.9g : p3 bottom view 2 11 14 16 23 15.24 [0.60] 5.08 [0.20] 4.1 [0.16] 3 9 22 4.5 [0.18] 10.2 [0.40] 15.22 [0.60] 20.3 [0.80] 2.54 [0.10] 31.8 [1.25] 2.54 [0.10] 0.50 [0.02]
ds_dg06s/d_03152012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc part numbering system d g 06 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three(3) years limited warranty. complete warranty information is listed on our web site or is available upon re quest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p4


▲Up To Search▲   

 
Price & Availability of DG06D1212A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X